|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTER (3-STATE) FEATURES: * * * * * * * * IDT74FCT16646AT/CT/ET DESCRIPTION: 0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) VCC = 5V 10% High drive outputs (-32mA IOH, 64mA IOL) Power off disable outputs permit "live insertion" Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25C * Available in SSOP and TSSOP packages The FCT16646T 16-bit registered transceiver is built using advanced dual metal CMOS technology. These high-speed, low-power devices are organized as two independent 8-bit bus transceivers with 3-state D-type registers. The control circuitry is organized for multiplexed transmission of data between A bus and B bus either directly or from the internal storage registers. Each 8-bit transceiver/register features direction control (xDIR), over-riding Output Enable control (xOE) and Select lines (xSAB and xSBA) to select either real-time data or stored data. Separate clock inputs are provided for A and B port registers. Data on the A or B data bus, or both, can be stored in the internal registers by the low-to-high transitions at the appropriate clock pins. Flow-through organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The FCT16646T is ideally suited for driving high-capacitance loads and low-impedance backplanes. The output buffers are designed with power off disable capability to allow "live insertion" of boards when used as backplane drivers. FUNCTIONAL BLOCK DIAGRAM 1O E 1DIR 2O E 2DIR 1CLK BA 1SB A 1CLK AB 1SA B B R EG 2CLK BA 2S BA 2CLK AB 2S AB B R EG D C 1A 1 A R EG 1B 1 2A 1 A RE G D C 2B 1 D C D C TO S EVE N O THE R C HAN NEL S TO S EVE N O THE R C HAN NELS The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 2002 Integrated Device Technology, Inc. JUNE 2002 DSC-5448/3 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION 1DIR 1CLKAB 1SAB ABSOLUTE MAXIMUM RATINGS(1) 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol 1OE 1CLKBA 1SBA Description Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA VTERM(2) TSTG IOUT VTERM(3) Terminal Voltage with Respect to GND GND 1A1 1A2 GND 1B1 1B2 VCC 1A3 1A4 1A5 VCC 1B3 1B4 1B5 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXX Output and I/O terminals. 3. Output and I/O terminals for FCT162XXX. GND 1A6 1A7 1A8 2A1 2A2 2A3 GND 1B6 1B7 1B8 2B1 2B2 2B3 CAPACITANCE (TA = +25C, F = 1.0MHz) Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF GND 2A4 2A5 2A6 GND 2B4 2B5 2B6 NOTE: 1. This parameter is measured at characterization but not tested. VCC 2A7 2A8 VCC 2B7 2B8 PIN DESCRIPTION Pin Names xAx xBx xCLKAB, xCLKBA xSAB, xSBA xDIR, xOE Description Data Register A Inputs Data Register B Outputs Data Register B Inputs Data Register A Outputs Clock Pulse Inputs Output Data Source Select Inputs Output Enable Inputs GND 2SAB 2CLKAB 2DIR GND 2SBA 2CLKBA 2OE SSOP/ TSSOP TOP VIEW FUNCTION TABLE(1) Inputs xOE H H L L L L xDIR X X L L H L xCLKAB H or L X X X H or L xCLKBA H or L X H or L X X xSAB X X X X L H xSBA X X L H X X Input Output Output Input xAx Input Data I/O(2) xBx Input Isolation Store A and B Data Real Time B Data to A Bus Stored B Data to A Bus Real Time A Data to B Bus Stored A Data to B Bus Operation or Function NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance 2. The data output functions may be enabled or disabled by various signals at the xOE or xDIR inputs. Data input functions are always enabled, i.e. data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs. 2 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE BUS A BUS B BUS A BUS B xD IR xO E xC LKAB xC LKBA xSA B xSB A xD IR xOE xC LKAB xC LKBA xSA B xSB A L L X X X L H L X X L X REAL-TIME TRANSFER BUS B TO A REAL-TIME TRANSFER BUS A TO B BUS A BUS B BUS A BUS B xD IR xO E xC LKAB xC LKBA xSA B xSB A xD IR (1) xOE xC LKAB xC LKBA xSA B xSB A H L X L L H X X X X X X X L H L L X H or L H or L X X H H X X STORAGE FROM A AND/OR B TRANSFER STORED DATA TO A AND/OR B NOTE: 1. Cannot transfer data to A bus and B bus simultaniously. 3 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10% Symbol VIH VIL IIH IIL IOZH IOZL VIK IOS VH ICCL ICCH ICCZ Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A Unit V V A OUTPUT DRIVE CHARACTERISTICS Symbol IO VOH Parameter Output Drive Current Output HIGH Voltage VCC = Max., VO = VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL VCC = 0V, VIN or VO 4.5V Test Conditions(1) 2.5V(3) IOH = -3mA IOH = -15mA IOH = -32mA(4) IOL = 64mA Min. -50 2.5 2.4 2 -- -- Typ.(2) -- 3.5 3.5 3 0.2 -- Max. -180 -- -- -- 0.55 1 Unit mA V V A VOH IOFF Output LOW Voltage Input/Output Power Off Leakage(5) NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. The test limit for this parameter is 5A at TA = -55C. 4 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN = 3.4V(3) VCC = Max., Outputs Open xOE = xDIR = GND One Input Toggling 50% Duty Cycle VCC = Max., Outputs Open fCP = 10MHz (xCLKBA) 50% Duty Cycle xOE = xDIR = GND fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max., Outputs Open fCP = 10MHz (xCLKBA) 50% Duty Cycle xOE = xDIR = GND Sixteen Bits Toggling fi = 2.5MHz 50% Duty Cycle Min. -- -- Typ.(2) 0.5 75 Max. 1.5 120 Unit mA A/ MHz VIN = VCC VIN = GND IC Total Power Supply Current(6) VIN = VCC VIN = GND -- 0.8 1.7 mA VIN = 3.4V VIN = GND -- 1.3 3.2 VIN = VCC VIN = GND -- 3.8 6.5(5) VIN = 3.4V VIN = GND -- 8.3 20(5) NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi 5 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE SWITCHING CHARACTERISTICS OVER OPERATING RANGE FCT16646AT Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tPLH tPHL tPLH tPHL tSU tH tW tSK(o) Parameter Propagation Delay Bus to Bus Output Enable Time xDIR or xOE to Bus Output Disable Time xDIR or xOE to Bus Propagation Delay Clock to Bus Propagation Delay xSBA or xSAB to Bus Set-up Time HIGH or LOW, Bus to Clock Hold Time HIGH or LOW, Bus to Clock Clock Pulse Width HIGH or LOW Output Skew(3) Condition(1) CL = 50pF RL = 500 Min.(2) 2 2 2 2 2 2 1.5 5 -- Max. 6.3 9.8 6.3 6.3 7.7 -- -- -- 0.5 FCT16646CT Min.(2) 1.5 1.5 1.5 1.5 1.5 2 1.5 5 -- Max. 5.4 7.8 6.3 5.7 6.2 -- -- -- 0.5 FCT16646ET Min.(2) 1.5 1.5 1.5 1.5 1.5 2 0 3(4) -- Max. 3.8 4.8 4 3.8 4.2 -- -- -- 0.5 Unit ns ns ns ns ns ns ns ns ns NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design. 4. This limit is guaranteed but not tested. 6 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE TEST CIRCUITS AND WAVEFORMS V CC 7.0V 500 V IN Pulse Generator D.U.T. 50pF RT 500 CL V OUT SWITCH POSITION Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. Test Circuits for All Outputs DATA INPUT tSU TIM ING INPUT ASYNCHRONOUS CONTROL PRES ET CLEA R ETC. SYNCHRONOUS CONTROL PRES ET CLEA R CLOCK ENABLE ETC. tREM tH 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V LOW -HIGH-LOW PULSE tW HIGH-LOW -HIGH PULSE 1.5V 1.5V tSU tH Pulse Width Set-up, Hold, and Release Times ENABLE SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE P HASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V DISABLE 3V CONTROL INPUT tPZL OUTPUT NORM ALLY LOW SW ITCH CLOSED tPZH OUTPUT NORM ALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ 1.5V 0V 3.5V VOL Propagation Delay Enable and Disable Times NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 7 IDT74FCT16646AT/CT/ET FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDT XX FCT Temp. Range XXX Family XXXX Device Type XX Package PV PA Shrink Small Outline Package Thin Shrink Small Outline Package 646AT 16-Bit Bus Transceiver/Register 646CT 646ET 16 Double-Density, 5 Volt, High Drive 74 - 40C to +85C DATA SHEET DOCUMENT HISTORY 5/21/2002 6/21/2002 Removed TVSOP package Updated according to PDNs Logic-00-07 and Logic-01-04 CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 8 |
Price & Availability of IDT74FCT16646ET |